PART |
Description |
Maker |
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
UPSD3212AV-24T6T UPSD3212AV-40U6T UPSD3212C-40U6 U |
FLASH PROGRAMMABLE SYSTEM DEVICES WITH 8032 MCU WITH USB AND PROGRAMMABLE LOGIC
|
STMICROELECTRONICS[STMicroelectronics]
|
PAL20R8XX PAL20L8BCNS PAL20L8BCNL PAL20R4A2CNL |
24 pin TTL Programmable Array Logic Fuse-Programmable PLD
|
AMD
|
MC10E196 MC10E196FN MC100E196 MC100E196FN ON0641 |
From old datasheet system PROGRAMMABLE DELAYCHIP PROGRAMMABLE DELAY CHIP
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
CY223931 CY2239309 |
Three-PLL Serial-Programmable Flash-Programmable Clock Generator
|
Cypress Semiconductor
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LH0036G LH0036CG |
Instrumentation AmpResistor-Programmable InstrumentationAmp,Resistor-Programmable
|
|
CAT524JI-TE10 CAT524LI-TE10 CAT524P-TE10 CAT524PI- |
Configured Digitally Programmable Potentiometer Quad 8-Bit DPP, Buffered Wiper and 3-Wire Serial Interface for Programmable Voltage Applications
|
http:// CATALYST[Catalyst Semiconductor]
|
ST5R25 ST5R33 ST5R50 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER ; No. of Macrocells:64; IC Generic Number:; No. of Outputs:68; Number of Inputs:68; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:32; Package/Case:44-PLCC; Mounting Type:Surface Mount
|
ST Microelectronics
|
ICS94201 ICS94201YFT |
Programmable System Frequency Generator for PII/III??/span> Programmable System Frequency Generator for PII/III 可编程系统频率发生器有价证券/三⑩ 815 3 DIMM Single Chip, Programmable, 9250-25 Pin Out
|
ON Semiconductor ICST[Integrated Circuit Systems]
|
CAT525LI CAT525WI CAT52507 CAT525 |
Configured Digitally Programmable Potentiometer (DPP垄芒): Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
|
Catalyst Semiconductor
|
CAT522LI CAT522WI CAT522 |
Configured Digitally Programmable Potentiometer (DPP?: Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP⑩): Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP垄芒): Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP: Programmable Voltage Applications
|
Catalyst Semiconductor
|